Part Number Hot Search : 
100HS TM1261 ACT25 DD312 ISL84542 B41605 HA17901A S9015
Product Description
Full Text Search
 

To Download V23079-A2002-B301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  09-2012, rev. 0912 www.te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 signal relays n standard telecom relay (ringing and test access) n slim line 15x7.5mm (.590x.295) n max. switching current 5a n 2 form c bifurcated contacts (2 changeover contacts, 2 co) n immersion cleanable n high sensitivity for low power consumption 140mw/ 70mw n single coil version with surge voltage resistance between contact and coil: 2.5kv (2/10s) meets the telcordia requirement gr-1089, 1.5kv (10/160s) meets fcc part 68 typical applications communications equipment linecard application (ringing and test access), pabx, voice over ip, offce equipment, measurement and control equipment, automotive equipment as can bus, keyless entry, speaker switch, medical equipment, consumer electronics, set top boxes, hifi approvals ul 508 file no. e 111441, ul 60950, iec/en60950 iec ref. cert. no. 327 technical data of approved types on request contact data contact arrangement 2 form c (co) max. switching voltage 220vdc, 250vac rated current 2a limiting continuous current, 85c 2a switching power 60w, 62.5va contact material agni, gold-covered contact style bifurcated contact minimum switching voltage 100v thermoelectrical potential <10v initial contact resistance <50m? at 10ma, 20mv frequency of operation, without load 50 operations/s operate time typ. 2ms, max. 4ms set/reset time typ. 2ms, max. 4ms release time without diode in parallel typ. 2ms, max. 4ms with diode in parallel typ. 4ms, max. 6ms bounce time typ. 1ms, max. 3ms electrical endurance at 12v / 10ma typ. 5x10 7 operations at 6v / 100ma typ. 1x10 7 operations at 60v / 500ma typ. 5x10 5 operations at 30v / 1000ma typ. 1x10 6 operations at 30v / 2000ma typ. 2x10 5 operations contact ratings, ul 110vdc / 0.3a - 33w 30vdc / 2.0a - 60w 120vac / 0.5a - 60va 240vac / 0.25a -60va mechanical endurance typ. 100x10 6 operations coil data magnetic system polarized coil voltage range 2 to 24vdc max. coil temperature 125c thermal resistance < 125k/w coil versions, monostable coil rated operate limiting release coil rated coil code voltage voltage voltage voltage resistance power vdc vdc vdc vdc ?10% mw 008 3.00 2.25 6.50 0.30 64 140 016 4.00 3.00 8.70 0.40 114 140 011 4.50 3.38 9.80 0.45 145 140 001 5.00 3.75 10.90 0.50 178 140 002 6.00 4.50 13.00 0.60 257 140 006 9.00 6.75 19.60 0.90 578 140 003 12.00 9.00 26.15 1.20 1029 140 005 24.00 18.00 52.30 2.40 4114 140 all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. p2 relay v23079 dc curre nt [a] dc voltage [vdc] max. dc load br eaking capacity 108-98002 re v. e all speci?cations subject to change. consult t yco electronics for latest speci?cations. 5 of 15 t elecom-, signal and rf relays p2 v230 79 rela y axicom coil ope ra ting range u nom = nominal coil voltage u max. = upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized u op. min. = lower limit of the operative range of the coil voltage (reliable operate voltage) for latching relays u set min. resp. u reset min. u rel. min. = lower limit of the operative range of the coil voltage (reliable release voltage) 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 1. 4 1. 6 1. 8 2 2. 2 2. 4 2. 6 2. 8 3 3. 2 3. 4 -4 0- 30 -2 0- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 coil vo ltage [u/unom ] u op. min. u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a 70 mw u nom. nominal coil voltage ambient te mperature [c] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40- 30 -20- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/unom] 140 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40- 30 -20- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/unom] 200 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. z axicom
09-2012, rev. 0912 www.te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 signal relays p2 relay v23079 (continued) insulation data standard hdv initial dielectric strength between open contacts 1000v rms 1500v rms between contact and coil 1500v rms 1500v rms between adjacent contacts 1000 v rms 1500v rms initial surge withstand voltage according to telcordia tr-nwt-001089 (2/10s) between open contacts 2000v 2500v between contact and coil 2500v 2500v between adjacent contacts 2500v 2500v according to (10/700 s iec 60950) between open contacts 2000v 2500v between contact and coil 2500v 2500v between adjacent contacts 2500v 2500v initial insulation resistance at 500 vdc > 10 9 capacitance between open contacts max. 1pf between contact and coil max. 2pf between adjacent contacts max. 1.5pf clearance /creepage according to iec / en 60950 1.3/2.5mm other data material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature -40 to +85c category of environmental protection iec 61810 rt iii - wash tight degree of protection, iec 60529 ip 67 vibration resistance (functional) 35g, 10 to 1000hz shock resistance (functional) iec 60068-2-27 (half sine) 50g terminal type pcb-tht, smt long and short terminals weight max. 2.8 g resistance to soldering heat tht iec 60068-2-20 265c/10s resistance to soldering heat smt iec 60068-2-58 see resistance to soldering heat moisture sensitive level, jedec j-std-020d msl3 ultrasonic cleaning not recommended packaging/unit tht box/2000 pcs. smt reel/2000 pcs. or 2500 pcs. coil data (continued) coil versions, bistable coil rated set limiting reset coil rated coil code voltage voltage voltage voltage resistance power vdc vdc vdc vdc ?10% mw bistable, 1 coil 108 3.00 2.25 9.2 -2.25 128 70 111 4.50 3.38 13.85 -3.38 289 70 101 5.00 3.75 15.33 -3.75 357 70 102 6.00 4.50 18.5 -4.50 514 70 106 9.00 6.75 27.75 -6.75 1157 70 103 12.00 9.00 37 -9.00 2057 70 105 24.00 18.00 74 -18.00 8228 70 bistable, 2 coil 219 2.00 1.50 4.33 1.50 28 140 218 2.40 1.80 5.2 1.80 41 140 208 3.00 2.25 6.5 2.25 64 140 211 4.50 3.38 9.8 3.38 145 140 201 5.00 3.75 10.9 3.75 178 140 202 6.00 4.50 13 4.50 257 140 206 9.00 6.75 19.6 6.75 578 140 203 12.00 9.00 26.15 9.00 1029 140 205 24.00 18.00 52.3 18.00 4114 140 all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. coil versions, high dielectric version, monostable, overmolded coil rated operate limiting release coil rated coil code voltage voltage voltage voltage resistance power vdc vdc vdc vdc ?10% mw 008 3.00 2.25 6.1 0.30 45 200 001 5.00 3.75 10.1 0.50 125 200 002 6.00 4.50 12.1 0.60 180 200 006 9.00 6.75 18.2 0.90 405 200 003 12.00 9.00 24.2 1.20 720 200 all fgures are given for coil without pre-energization, at ambient temperature +23c. other coil voltages on request. 108-98002 re v. e all speci?cations subject to change. consult t yco electronics for latest speci?cations. 5 of 15 t elecom-, signal and rf relays p2 v230 79 rela y axicom coil ope ra ting range u nom = nominal coil voltage u max. = upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized u op. min. = lower limit of the operative range of the coil voltage (reliable operate voltage) for latching relays u set min. resp. u reset min. u rel. min. = lower limit of the operative range of the coil voltage (reliable release voltage) 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 1. 4 1. 6 1. 8 2 2. 2 2. 4 2. 6 2. 8 3 3. 2 3. 4 -4 0- 30 -2 0- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 coil vo ltage [u/unom ] u op. min. u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a 70 mw u nom. nominal coil voltage ambient te mperature [c] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40- 30 -20- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/unom] 140 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40- 30 -20- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/unom] 200 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. 108-98002 re v. e all speci?cations subject to change. consult t yco electronics for latest speci?cations. 5 of 15 t elecom-, signal and rf relays p2 v230 79 rela y axicom coil ope ra ting range u nom = nominal coil voltage u max. = upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized u op. min. = lower limit of the operative range of the coil voltage (reliable operate voltage) for latching relays u set min. resp. u reset min. u rel. min. = lower limit of the operative range of the coil voltage (reliable release voltage) 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 1. 4 1. 6 1. 8 2 2. 2 2. 4 2. 6 2. 8 3 3. 2 3. 4 -4 0- 30 -2 0- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 coil vo ltage [u/unom ] u op. min. u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a 70 mw u nom. nominal coil voltage ambient te mperature [c] 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40- 30 -20- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/unom] 140 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 -40- 30 -20- 10 01 02 03 04 05 06 07 08 09 0 100 110 120 130 140 ambient temperature [c] coil voltage [u/unom] 200 mw u max. at 0 a u max. at 2 x 2 a u max. at 2 x 1 a u nom. nominal coil voltage u op. min. u rel. min. axicom
09-2012, rev. 0912 www.te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 signal relays p2 relay v23079 (continued) pcb layout top view on component side of pcb tht version smt, long terminals smt, short terminals 0,9 0,1 contacts are shown in reset condition. both coils can be used as either set or reset coils. contact position might change during transportation and must be reset before use. monostable version terminal assignment top view on component side of pcb bistable version, 1-coil bistable version, 2-coils dimensions 0.50.05 10.40.15 14.50.1 7.20.1 0.50.05 9.80.1 3.25-0.25 0.55-0.15 5.520.15 9.40.15 14.50.1 7.20.1 0.50.05 10.40.15 5.52 7.40.15 14.50.1 7.20.1 0.50.05 9.90.1 14.60.1 7.20.1 0.50.05 9.50.1 3.25-0.25 0.45 5.52 9.40.15 14.60.1 7.20.1 0.50.05 9.90.15 5.52 7.40.15 14.60.1 7.20.1 tht version smt, long terminals smt, short terminals standard coil 0.50.05 10.40.15 14.50.1 7.20.1 0.50.05 9.80.1 3.25-0.25 0.55-0.15 5.520.15 9.40.15 14.50.1 7.20.1 0.50.05 10.40.15 5.52 7.40.15 14.50.1 7.20.1 0.50.05 9.90.1 14.60.1 7.20.1 0.50.05 9.50.1 3.25-0.25 0.45 5.52 9.40.15 14.60.1 7.20.1 0.50.05 9.90.15 5.52 7.40.15 14.60.1 7.20.1 0.50.05 10.40.15 14.50.1 7.20.1 0.50.05 9.80.1 3.25-0.25 0.55-0.15 5.520.15 9.40.15 14.50.1 7.20.1 0.50.05 10.40.15 5.52 7.40.15 14.50.1 7.20.1 0.50.05 9.90.1 14.60.1 7.20.1 0.50.05 9.50.1 3.25-0.25 0.45 5.52 9.40.15 14.60.1 7.20.1 0.50.05 9.90.15 5.52 7.40.15 14.60.1 7.20.1 0.50.05 10.40.15 14.50.1 7.20.1 0.50.05 9.80.1 3.25-0.25 0.55-0.15 5.520.15 9.40.15 14.50.1 7.20.1 0.50.05 10.40.15 5.52 7.40.15 14.50.1 7.20.1 0.50.05 9.90.1 14.60.1 7.20.1 0.50.05 9.50.1 3.25-0.25 0.45 5.52 9.40.15 14.60.1 7.20.1 0.50.05 9.90.15 5.52 7.40.15 14.60.1 7.20.1 tht version smt, long terminals smt, short terminals overmolded coil, high dielectric version 0.50.05 10.40.15 14.50.1 7.20.1 0.50.05 9.80.1 3.25-0.25 0.55-0.15 5.520.15 9.40.15 14.50.1 7.20.1 0.50.05 10.40.15 5.52 7.40.15 14.50.1 7.20.1 0.50.05 9.90.1 14.60.1 7.20.1 0.50.05 9.50.1 3.25-0.25 0.45 5.52 9.40.15 14.60.1 7.20.1 0.50.05 9.90.15 5.52 7.40.15 14.60.1 7.20.1 0.50.05 10.40.15 14.50.1 7.20.1 0.50.05 9.80.1 3.25-0.25 0.55-0.15 5.520.15 9.40.15 14.50.1 7.20.1 0.50.05 10.40.15 5.52 7.40.15 14.50.1 7.20.1 0.50.05 9.90.1 14.60.1 7.20.1 0.50.05 9.50.1 3.25-0.25 0.45 5.52 9.40.15 14.60.1 7.20.1 0.50.05 9.90.15 5.52 7.40.15 14.60.1 7.20.1 axicom
09-2012, rev. 0912 www.te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 4 signal relays p2 relay v23079 (continued) t ime [s] t emperatur e [c] resistance to soldering heat infrar ed soldering temperatur e/time pr o?le (lead and housing peak temp.) processing full line: typical dotted line: pr ocess limits exter nal pr eheating 240c 180c 130c 100c for ced cooling 20 to 40s t ime [s] t emperatur e [c] v apour phase soldering temperatur e/time pr o?le (lead and housing peak temp.) recommended soldering conditions v apour phase soldering t ime [s] t emperatur e [c] recommended r e?ow soldering pr o?le infrar ed soldering temperatur e/time pr o?le (lead and housing peak temp.) reel dimensions packing axicom
09-2012, rev. 0912 www.te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 5 12 15.5 9 10.4 0.4 16 10.4 0.4 12 15.5 9 10.4 0.4 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity a a b b 240.3 0.6 15.40.2 11.90.2 9.90.2 ps conductivity 10 a-a b-b 2:1 2:1 1.2 +0.2 0 10.9 +0.3 0 11.50.1 max. 3 max. r 0.3 max. r 0.3 160.15 1.750.1 40.1 20.1 1.5 0.1 2.20.2 1.90.2 (3.6) 40.2 12.10.2 max. 3 max. 3 max. 3 (3.6) 4.50.2 1.90.2 1.5 0.1 1.30.2 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm - c23303-a079-c119 26.3.2012 - zdenek curda - - - mm 26.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l2/fu2 - blister tape long terminals - - - 4:1 c23303-a079-c119 1 1 8 8 - 26.3.2012 zc ph 7 - 17.06.2011 zc 9122 1 - 25.05.1998 9188 9151 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity a a b b 240.3 0.6 15.40.2 11.90.2 9.90.2 ps conductivity 10 a-a b-b 2:1 2:1 1.2 +0.2 0 10.9 +0.3 0 11.50.1 max. 3 max. r 0.3 max. r 0.3 160.15 1.750.1 40.1 20.1 1.5 0.1 2.20.2 1.90.2 (3.6) 40.2 12.10.2 max. 3 max. 3 max. 3 (3.6) 4.50.2 1.90.2 1.5 0.1 1.30.2 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm - c23303-a079-c119 26.3.2012 - zdenek curda - - - mm 26.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l2/fu2 - blister tape long terminals - - - 4:1 c23303-a079-c119 1 1 8 8 - 26.3.2012 zc ph 7 - 17.06.2011 zc 9122 1 - 25.05.1998 9188 9151 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity a a b b 240.3 0.6 15.40.2 11.90.2 9.90.2 ps conductivity 10 a-a b-b 2:1 2:1 1.2 +0.2 0 10.9 +0.3 0 11.50.1 max. 3 max. r 0.3 max. r 0.3 160.15 1.750.1 40.1 20.1 1.5 0.1 2.20.2 1.90.2 (3.6) 40.2 12.10.2 max. 3 max. 3 max. 3 (3.6) 4.50.2 1.90.2 1.5 0.1 1.30.2 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm - c23303-a079-c119 26.3.2012 - zdenek curda - - - mm 26.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l2/fu2 - blister tape long terminals - - - 4:1 c23303-a079-c119 1 1 8 8 - 26.3.2012 zc ph 7 - 17.06.2011 zc 9122 1 - 25.05.1998 9188 9151 new this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity b b a a 240.3 ps conductivity 10 b-b 2:1 2:1 1.2 +0.2 0 11.50.1 max. 3 1.750.1 40.1 1.90.2 (3.6) max. r 0.3 (3.6) 1.90.2 4.40.2 2.20.2 1.30.2 max. 3 40.2 10.4 +0.3 0 100.2 120.2 15.40.2 160.15 (8) 1.5 0.1 20.1 1.5 0.1 0.6 12.20.2 ( 1.5) (48) max. r 0.3 max. 3 max. 3 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm a-a - c23303-a079-c121 30.3.2012 - zdenek curda - - - mm 30.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l3 - blister tape long terminals - - - 4:1 c23303-a079-c121 1 1 3 3 - 30.03.2012 zc ph 2 - 17.06.2011 ph 9122 1 - 25.05.1998 ph 9122 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity b b a a 240.3 ps conductivity 10 b-b 2:1 2:1 1.2 +0.2 0 11.50.1 max. 3 1.750.1 40.1 1.90.2 (3.6) max. r 0.3 (3.6) 1.90.2 4.40.2 2.20.2 1.30.2 max. 3 40.2 10.4 +0.3 0 100.2 120.2 15.40.2 160.15 (8) 1.5 0.1 20.1 1.5 0.1 0.6 12.20.2 ( 1.5) (48) max. r 0.3 max. 3 max. 3 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm a-a - c23303-a079-c121 30.3.2012 - zdenek curda - - - mm 30.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l3 - blister tape long terminals - - - 4:1 c23303-a079-c121 1 1 3 3 - 30.03.2012 zc ph 2 - 17.06.2011 ph 9122 1 - 25.05.1998 ph 9122 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity b b a a 240.3 ps conductivity 10 b-b 2:1 2:1 1.2 +0.2 0 11.50.1 max. 3 1.750.1 40.1 1.90.2 (3.6) max. r 0.3 (3.6) 1.90.2 4.40.2 2.20.2 1.30.2 max. 3 40.2 10.4 +0.3 0 100.2 120.2 15.40.2 160.15 (8) 1.5 0.1 20.1 1.5 0.1 0.6 12.20.2 ( 1.5) (48) max. r 0.3 max. 3 max. 3 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm a-a - c23303-a079-c121 30.3.2012 - zdenek curda - - - mm 30.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l3 - blister tape long terminals - - - 4:1 c23303-a079-c121 1 1 3 3 - 30.03.2012 zc ph 2 - 17.06.2011 ph 9122 1 - 25.05.1998 ph 9122 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity a a b b 240.3 0.6 ps conductivity 10 b-b 2:1 2:1 1.2 +0.2 0 11.50.1 120.15 1.750.1 40.1 20.1 1.5 0.1 10.9 +0.3 0 40.2 max. r 0.3 max. 3 1.5 0.1 80.2 90.2 max. r 0.3 9.10.2 1.30.2 2.20.2 15.40.2 max. 3 (3.6) (3.6) 1.90.2 1.90.2 4.50.2 max. 3 max. 3 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm a-a - c23303-a079-c120 26.3.2012 - zdenek curda - - - mm 26.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l2/p2l3/fu2 - blister tape short terminals - - - 4:1 c23303-a079-c120 1 1 8 8 - 26.3.2012 zc ph 7 - 13.12.2005 9193 9121 1 - 25.05.1998 9188 9151 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity a a b b 240.3 0.6 ps conductivity 10 b-b 2:1 2:1 1.2 +0.2 0 11.50.1 120.15 1.750.1 40.1 20.1 1.5 0.1 10.9 +0.3 0 40.2 max. r 0.3 max. 3 1.5 0.1 80.2 90.2 max. r 0.3 9.10.2 1.30.2 2.20.2 15.40.2 max. 3 (3.6) (3.6) 1.90.2 1.90.2 4.50.2 max. 3 max. 3 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm a-a - c23303-a079-c120 26.3.2012 - zdenek curda - - - mm 26.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l2/p2l3/fu2 - blister tape short terminals - - - 4:1 c23303-a079-c120 1 1 8 8 - 26.3.2012 zc ph 7 - 13.12.2005 9193 9121 1 - 25.05.1998 9188 9151 this drawing is a controlled document 1 plc 0 plc 2 plc 3 plc 4 plc dimensions: tolerances unless otherwise specified: used on p ltr apvd date revision record dwn dwg no size of c 1 2 3 4 5 6 7 8 a b drawing no loc dist d sheet rev apvd dwn chk name scale material heat treat angles surface texture 3306-7 (3/11) a3 this information is confidential and proprietary to tyco electronics corporation and its worldwide subsidiaries and affiliates (te). it may not be disclosed to anyone, other than te personnel, without authorization from te (www.te.com). te connectivity a a b b 240.3 0.6 ps conductivity 10 b-b 2:1 2:1 1.2 +0.2 0 11.50.1 120.15 1.750.1 40.1 20.1 1.5 0.1 10.9 +0.3 0 40.2 max. r 0.3 max. 3 1.5 0.1 80.2 90.2 max. r 0.3 9.10.2 1.30.2 2.20.2 15.40.2 max. 3 (3.6) (3.6) 1.90.2 1.90.2 4.50.2 max. 3 max. 3 1.5 1.5 -9 s/m roztec transportnich otvoru distance of transport holes 4x10=400.2mm 4x11=440.2mm 4x12=480.2mm a-a - c23303-a079-c120 26.3.2012 - zdenek curda - - - mm 26.3.2012 - 0.1 petr hofman 0.01 - 0.001 0.0001 p2l2/p2l3/fu2 - blister tape short terminals - - - 4:1 c23303-a079-c120 1 1 8 8 - 26.3.2012 zc ph 7 - 13.12.2005 9193 9121 1 - 25.05.1998 9188 9151 tape and reel for smt 16 10.4 0.4 16 10.4 0.4 12 15.5 9 10.4 0.4 new new signal relays p2 relay v23079 (continued) axicom
09-2012, rev. 0912 www.te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 6 signal relays p2 relay v23079 (continued) product code structure typical product code v23079 a 1 001 b 301 type v23079 signal relay p2 series version a tht, monostable d smt, monostable, long term. g smt, monostable, short term. b tht, latching, 2 coils e smt, latching, 2 coils long term. h smt, latching, 2 coils short term. c tht, latching, 1 coil f smt, latching, 1 coil long term. j smt, latching, 1 coil short term. coil design 1 standard coil (not for high dielectric version) 2 overmolded coil coil coil code: please refer to coil versions table version b standard version x high dielectric version contacts for standard versions 301 2 form c contacts (2 co), agni +au 201 2 form c contacts (2 co), agpd +au; on request only product code version coil design coil type coil voltage part number v23079-a1006-b301 9vdc 2-1393788-0 v23079-a1005-b301 24vdc 1-1393788-6 v23079-a2008-b301 overmolded 3vdc 6-1419120-6 v23079-a2011-b301 4.5vdc 3-1393789-9 v23079-a2001-b301 5vdc 3-1393789-5 V23079-A2002-B301 6vdc 3-1393789-6 v23079-a2006-b301 9vdc 3-1393789-8 v23079-a2003-b301 12vdc 3-1393789-7 v23079-b1218-b301 standard bistable, 2 coils 2.4vdc 1422002-8 v23079-b1208-b301 3vdc 4-1393788-1 v23079-b1211-b301 4.5vdc 4-1393788-2 v23079-b1201-b301 5vdc 3-1393788-3 v23079-b1202-b301 6vdc 3-1393788-5 v23079-b1206-b301 9vdc 3-1393788-9 v23079-b1203-b301 12vdc 3-1393788-6 v23079-b1205-b301 24vdc 3-1393788-7 v23079-b2219-b301 overmolded 2vdc 1-1422002-2 v23079-b2218-b301 2.4vdc 1-1422002-1 v23079-b2208-b301 3vdc 1-1422002-0 v23079-b2201-b301 5vdc 1422002-9 v23079-c1108-b301 standard bistable, 1 coils 3vdc 5-1393788-3 v23079-c1111-b301 4.5vdc 5-1393788-4 v23079-c1101-b301 5vdc 4-1393788-5 v23079-c1102-b301 6vdc 4-1393788-7 v23079-c1106-b301 9vdc 5-1393788-1 v23079-c1103-b301 12vdc 4-1393788-8 v23079-c1105-b301 24vdc 5-1393788-0 axicom
09-2012, rev. 0912 www.te.com ? 2012 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 7 signal relays p2 relay v23079 (continued) product code version coil design coil type coil voltage part number v23079-d1006-b301 9vdc 5-1393788-9 v23079-d1005-b301 24vdc 5-1393788-8 v23079-d2008-b301 overmolded 3vdc 4-1393789-7 v23079-d2011-b301 4.5vdc 4-1393789-8 v23079-d2001-b301 5vdc 4-1393789-3 v23079-d2002-b301 6vdc 4-1393789-4 v23079-d2006-b301 9vdc 4-1393789-6 v23079-d2003-b301 12vdc 4-1393789-5 v23079-e1219-b301 standard bistable, 2 coils 2vdc 1-1422007-0 v23079-e1218-b301 2.4vdc 1422007-5 v23079-e1208-b301 3vdc 7-1393788-1 v23079-e1211-b301 4.5vdc 7-1393788-2 v23079-e1201-b301 5vdc 6-1393788-8 v23079-e1202-b301 6vdc 1393789-5 v23079-e1206-b301 9vdc 1393789-9 v23079-e1203-b301 12vdc 6-1393788-9 v23079-e1205-b301 24vdc 7-1393788-0 v23079-e2219-b301 overmolded 2vdc 1422007-6 v23079-e2201-b301 5vdc 1422007-7 v23079-e2208-b301 3vdc 1422007-8 v23079-e2218-b301 2.4vdc 1422007-9 v23079-f1108-b301 standard bistable, 1 coil 3vdc 7-1393788-5 v23079-f1111-b301 4.5vdc 1-1393789-4 v23079-f1101-b301 5vdc 7-1393788-3 v23079-f1102-b301 6vdc 1-1393789-0 v23079-f1106-b301 9vdc 1-1393789-2 v23079-f1103-b301 12vdc 7-1393788-4 v23079-f1105-b301 24vdc 1-1393789-1 v23079-g1005-b301 smt, short pins monostable 24vdc 7-1393788-8 v23079-g2008-b301 overmolded 3vdc 5-1393789-4 v23079-g2016-b301 4vdc 1393790-5 v23079-g2011-b301 4.5vdc 5-1393789-5 v23079-g2001-b301 5vdc 4-1393789-9 v23079-g2002-b301 6vdc 5-1393789-0 v23079-g2006-b301 9vdc 5-1393789-3 v23079-g2003-b301 12vdc 5-1393789-1 v23079-h1208-b301 standard bistable, 2 coils 3vdc 2-1393789-4 v23079-h1211-b301 4.5vdc 8-1393788-4 v23079-h1201-b301 5vdc 2-1393789-0 v23079-h1202-b301 6vdc 2-1393789-1 v23079-h1206-b301 9vdc 2-1393789-3 v23079-h1203-b301 12vdc 8-1393788-3 v23079-h1205-b301 24vdc 2-1393789-2 v23079-j1108-b301 bistable, 1 coil 3vdc 2-1393789-9 v23079-j1111-b301 4.5vdc 3-1393789-0 v23079-j1101-b301 5vdc 2-1393789-5 v23079-j1102-b301 6vdc 2-1393789-6 v23079-j1103-b301 12vdc 2-1393789-7 v23079-j1105-b301 24vdc 2-1393789-8 v23079-g2008-x079 high dielectric monostable 3vdc 1422006-5 v23079-g2001-x071 overmolded 5vdc 1422006-1 v23079-g2002-x072 6vdc 1422006-2 v23079-g2006-x073 9vdc 1422006-3 v23079-g2003-x074 12vdc 1422006-4 v23079-a2003-x074 12vdc 1422025-7 v23079-a2008-x079 3vdc 1-1422025-1 axicom


▲Up To Search▲   

 
Price & Availability of V23079-A2002-B301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X